PART |
Description |
Maker |
87759-1250 87759-2250 87759-1251 87759-3050 87759- |
CONN HEADER 12POS 2MM VERT SMD 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 22POS 2MM VERT SMD 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2mm MGrid Hdr SMT D/R W/Pg .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 30POS 2MM VERT SMD 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT 2mm MGrid Hdr SMT D/R W/Pg .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
FS0802BD00TR FS0802 |
CONN 28POS 2MM SOCKET VERT PC MT 表面贴装可控 SURFACE MOUNT SCR
|
List of Unclassifed Manufacturers ETC[ETC] Fagor
|
52610-2671 |
CONN FFC/FPC 26POS 1MM VERT SMD
|
Molex
|
RU4DS RH4F RG2A2 RS4FS RH2D RC3B2 RU4D FMP-G5HS FM |
Damper Diodes . Shield Bonded between Polyester Outer & Polyethylene Inner Layers RoHS Compliant: NA CONN 24POS 2MM SOCKET R/A PC MT SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:5m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes 3M 150220-6002TB SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:2m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes CONN 24POS 2MM SOCKET STR PC SMD CONN 20POS 2MM SOCKET VERT PC MT Wire-To-Board Connector; No. of Contacts:20; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 阻尼二极 Hard Hat; Color:Red; Pack Quantity:1 RoHS Compliant: NA 阻尼二极 Fast-Recovery Rectifier Diodes (1300V and over)
|
List of Unclassifed Man... Unknow http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Sanken
|
44769-2403 44769-2003 44769-0601 44769-0801 44769- |
Micro-Fit BMI Vt Hdr F DR 30Au 24Ckt 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Micro-Fit BMI Vt Hdr F DR 30Au 20Ckt 20 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 6POS VERT TIN PCB 6 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 8POS VERT TIN PCB 8 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HDR RCPT 4POS VERT TIN PCB 4 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HEADER 10POS 3MM VERT PCB 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
68301-1006 68301-1069 68301-1035 68301-1028 68301- |
Header; No. of Contacts:5; Pitch Spacing:2.54mm; No. of Rows:1; Series:KK; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 18 Ckt Tin 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 7 ckt 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR SB Vert SMT Hdr 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Custom Header 100 SMT 3 ckt 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 8POS .100 VERT 15AU 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT .100 SR Vert SMT Custom Hdr 14 Ckt Tin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CH 100 Single Row Vert SMT 2ckt 30au CH 100 Single Row Vert SMT 3ckt 30au
|
Molex, Inc. MOLEX INC
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
87633-1014 87633-1024 |
Pwr Conn Rcpt Vert PF .76AuLF 22Ckt 22 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT, RECEPTACLE Pwr Conn Rec Vert PF .76AuLF 28Ckt 28 CONTACT(S), FEMALE, POWER CONNECTOR, PRESS FIT, RECEPTACLE
|
Molex, Inc.
|
5100669-1 |
2mm Hard Metric PCB Mount Connectors ( Z-PACK 2mm HM ); Z-PACK M.CONN.175P. ( AMP )
|
Tyco Electronics
|
DC0000093 |
Messerleiste 2mm SMD, 50 polig Male 2mm SMD, 50 contacts
|
ERNI Electronics
|
35363-1160 35363-0960 353631264 353630861 |
CONN HEADER 11POS 2MM R/A TIN 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
|